Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download IS01B305111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 13 - 8 - 004/ b /rc page 1 of 13 specification part number: is.01 .b.305111 product name : 433 mhz heavy duty screw mount antenna features : hercules screw - mount 0dbi ism 4 33 mhz band 3m cfd - 200 sma ( m) 29mm*49 mm (diameter) wa terproof ip6 7 rated rohs compliant
spe - 13 - 8 - 004/ b /rc page 2 of 13 1. introduct ion the is.01 is a high performance 433mhz thread mount antenna for external use on mesh networks , vehicles and outdoor and indoor assets. it is designed for heavy duty work with extra thick threads. durable uv resistant abs housing is resistan t to vandalism and direct attack. at only 29mm high it complies with the latest eu directives for vehicle height restrictions, whilst also enabling cover t operation with a diameter of 49mm. range of signal travels up to 300m (see range tests below) . 2. spe ci fication electrical antenna is.01 standard ism operation frequency (mhz) 400~460 mhz peak g ain 1.6 dbi average gain - 3 .5 db efficiency 45 % vswr <1.8 :1 impedance 50? polarization linear radiation properties omni - directional max input power 5 w * the is.01 antenna performance was meas ured with 30x30 cm metal plate . mechanical dimensions (mm) heig h t =29 mm x diameter=49 mm cable 3m cfd200 - fully customizable casing uv resist a nt pvc base and thread nickel plated steel w eather proof g asket cr4305 foam with 3m9448b double - side adhesive connector sma male fully customizable tread diameter 18 mm sealant rubber stop p er environmental protect ion ip67 corrosion 5% naci for 96hrs - nickel plated steel base and thread temperature ran ge 4 0 oc to +85oc t h ermal shock 100 cycles - 40 c to +885 c humidity non - condensing 65 c 95% rh shock (drop test) 1m drop on concrete 6 axes cable pull 8kgf
spe - 13 - 8 - 004/ b /rc page 3 of 13 3. test set up hand) and peak gain, average gain, efficiency and radiation pattern measurements (right hand).
spe - 13 - 8 - 004/ b /rc page 4 of 13 4. antenna parameters 4 .1 . return loss figure 2 return loss of is.01 antenna in free space . figure 3 return l oss of is.01 antenna on 30 x30 cm metal plate .
spe - 13 - 8 - 004/ b /rc page 5 of 13 4 .2. vswr figure 4 vswr of is.01 antenna in free space . figure 5 vswr of is.01 antenna on 30x30 cm metal plate .
spe - 13 - 8 - 004/ b /rc page 6 of 13 4 .3. efficiency figure 6 efficiency of is.01 antenna in free space . figure 7 efficiency of is.01 antenna on 3 0 x30 cm metal plate .
spe - 13 - 8 - 004/ b /rc page 7 of 13 4 .4 . peak g ain figure 8 peak gain of is.01 antenna in free space . figure 9 peak gain of is.01 antenna on 30x30 c m metal plate .
spe - 13 - 8 - 004/ b /rc page 8 of 13 4 .5 . average gain figure 10 average gain of is.01 antenna in free space . figure 11 average gain of is.01 antenn a on 30 x30 cm metal plate .
spe - 13 - 8 - 004/ b /rc page 9 of 13 4 .6 . radiation pattern figure 12 radiation pattern of is.01 antenna in free space.
spe - 13 - 8 - 004/ b /rc page 10 of 13 figure 13 r adiation pattern of is. 01 antenna on 30x30cm metal plate .
spe - 13 - 8 - 004/ b /rc page 11 of 13 5 . mechanical drawing
spe - 13 - 8 - 004/ b /rc page 12 of 13 6. i nstallation recommended torque for mounting is 95nm or 70ftlbs maximum torque for mounting is 135.6nm or 100ft lbs
spe - 13 - 8 - 004/ b /rc page 13 of 13 7. packaging


▲Up To Search▲   

 
Price & Availability of IS01B305111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X